PART |
Description |
Maker |
20FQ020 20FQ030 |
V(rwm): 20V; 30A dual schottky power rectifier V(rwm): 30V; 30A dual schottky power rectifier
|
International Rectifier
|
SB300-09 |
90V/ 30A Rectifier 90V, 30A Rectifier Schottky Barrier Diode (Twin Type Cathode Common)
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
M39208-10WNA6T M39208-12WNA1T M39208-12WNB6T M3920 |
256K X 8 FLASH 2.7V PROM, 120 ns, PDSO32 256K X 8 FLASH 2.7V PROM, 150 ns, PDSO32 256K X 8 FLASH 2.7V PROM, 100 ns, PDSO32 RECTIFIER SCHOTTKY DUAL 5A 40V 110A-Ifsm 0.5Vf 0.2A-IR PowerDI-5 5K/REEL 单芯2 Mbit闪存4千位并行EEPROM存储 Single Chip 2 Mbit Flash and 64 Kbit Parallel EEPROM Memory 单芯2 Mbit闪存4千位并行EEPROM存储 RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.3V-vf 150ns 5uA-ir A405 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 RECTIFIER SCHOTTKY SINGLE 10A 40V 275A-Ifsm 0.51Vf 0.7A-IR PowerDI-5 5K/REEL RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/REEL-13 DIODE, SCHOTTKY, 40V, 10A, POWER DI 5 RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13
|
NUMONYX STMicroelectronics N.V. ST Microelectronics 意法半导
|
MBRD360T4 MBRD360G MBRD360 MBRD360RLG MBRD340G MBR |
SWITCHMODE Power Rectifiers 3A 60V Schottky Rectifier 3A 30V Schottky Rectifier 3A 50V Schottky Rectifier 3A 40V Schottky Rectifier 3A 20V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|
MBRB3030CTL |
30V 30A Schottky Common Cathode Diode in a D2-Pak package SCHOTTKY RECTIFIER
|
International Rectifier
|
30CPQ060 30CPQ050 |
50V 30A Schottky Common Cathode Diode in a TO-247AC package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
30CLJQ045 |
30A 45V Hi-Rel Schottky Common Cathode Diode in a SMD-0.5 package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
30CTQ-1 30CTQS 30CTQ 30CTQ080 |
80V 30A Schottky Common Cathode Diode in a TO-220AB package SCHOTTKY RECTIFIER 30 Amp
|
International Rectifier
|
SBL3045CTP |
30A SCHOTTKY BARRIER RECTIFIER
|
Diodes Incorporated
|
MBRB2545CTT4 |
30A 45V Schottky Rectifier
|
ON Semiconductor
|
S9004P2CT |
30A SCHOTTKY BARRIER RECTIFIER
|
DIODES[Diodes Incorporated]
|
MBR3040PT MBR3045PT MBR3030PT MBR3060PT MBR3050PT |
30A SCHOTTKY BARRIER RECTIFIER
|
DIODES[Diodes Incorporated]
|